Part Number Hot Search : 
PNN6028 BCX53 1884649 AAT4291 DTA113T BTY79 PD703313 2SK16
Product Description
Full Text Search
 

To Download MASWSS0094SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0094
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Features
* 802.11a + b/g Dual Band Applications * Broadband Performance: DC - 6.0 GHz * Low Insertion Loss: 0.7 dB @ 2.4 GHz 1.0 dB @ 4.9 to 6.0 GHz * High Isolation: 43 dB @ 2.4 GHz 30 dB @ 4.9 to 6.0 GHz * Fast Switching Speed: 0.5 m GaAs PHEMT * Low Cost 3 mm 12-Lead PQFN Package * Lead-Free Package Available: MASWSS0129 * Known Good Die Available Rev. V6
Functional Schematic
GND Rx Tx
Pin 1
GND GND Vc1
GND GND Vc2
Description
M/A-COM's MASWSS0094 is a broadband GaAs PHEMT MMIC diversity switch available in a low cost 3 mm 12-lead PQFN package or as known good die. The MASWSS0094 is ideally suited for applications where very small size and low cost are required. Typical applications are for WLAN IEEE 802.11a and 802.11b/g systems that employ two antennas for transmit and receive diversity. Other applications include cordless phones and base stations. Designed for high power, this DPDT switch maintains high linearity up to 6.0 GHz. The MASWSS0094 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
ANT1
Pin Configuration 3 mm 12-Lead PQFN Package
Pin No.
1 2 3 4 5 6
Pin Name
GND GND VC1 ANT1 GND ANT2 VC2 GND GND Rx GND Tx Paddle
3
ANT2
Description
Ground Ground Control 1 Antenna Port 1 Ground Antenna Port 2 Control 2 Ground Ground Receive Port Ground Transmit Port RF and DC Ground
Ordering Information 1
Part Number
MASWSS0094 MASWSS0094TR MASWSS0094TR-3000 MASWSS0094SMB MASWSS0094-DIE
7 8
Package
Bulk Packaging 7 inch, 1000 piece reel 13 inch, 3000 piece reel Sample Test Board (Includes 5 Samples) Separated Die on Grip Ring 2
9 10 11 12 13
3. The exposed pad centered on the package bottom must be connected to RF and DC ground.
1. Reference Application Note M513 for reel size information. 2. Die quantity varies.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
GND
MASWSS0094
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50, VC = 0 V / 3 V, 8 pF Capacitor 4
Parameter
Insertion Loss 5 Isolation 6 (on/off or off/on) Isolation (on/on or off/off) Return Loss
Rev. V6
Test Conditions
2.4 GHz 2 - 4 GHz 4 - 5 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz Two Tone, +15 dBm/Tone, 5 MHz Spacing, > 50 MHz 2.4 GHz 5.3 GHz 5.8 GHz Two Tone, +15 dBm/Tone, 5 MHz Spacing, > 50 MHz 2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz, Pin = +20 dBm 5.8 GHz, Pin = +20 dBm 2.4 GHz, Pin = +20 dBm 5.8 GHz, Pin = +20 dBm 10% to 90% RF 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF
Units
dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBc dBc dBc dBc nS nS nS mV
Min.
-- -- -- -- -- 25 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.70 0.75 0.90 1.00 43 30 11 20 23 15 93 86 84 52 50 50 33 31 31 -75 -77 -69 -86 35 60 90 6 6
Max.
1.30 -- -- 1.55 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 25
IP2
IP3
Input P-1dB 2nd Harmonic 3rd Harmonic Trise, Tfall Ton, Toff Transients Control Current
|Vc| = 3 V
A
4. For positive voltage control, external DC blocking capacitors are required on all RF ports. 5. Insertion loss can be optimized by varying the DC blocking capacitor value. 6. Isolation minimum specification guaranteed in final package assembly only.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0094
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Evaluation Board for 3 mm 12-Lead PQFN Package
Rev. V6
C1 C4 C2 C3
U1
Application Schematic
C1, C2, C3, C4 = 8 pF
Truth Table 9,10
Control VC1
1
C2
Control VC2
0 1 1 0
ANT 1 ANT 1 ANT 2 ANT 2 - Rx - Tx - Tx - Rx
On Off Off Off Off On Off Off On Off Off Off Off On Off Off
C1
GND Tx
0 1 0
Rx GND GND
GND GND
9. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V. 10. Differential voltage, V(state 1) - V(state 0), must be 2.7 V minimum and must not exceed 8.5 V.
Vc1 ANT1 ANT2
Vc2
Handling Procedures
Please observe the following precautions to avoid damage:
C4
GND
C3
Absolute Maximum Ratings 7,8
Parameter
Input Power @ 3 V Control Input Power @ 5 V Control Voltage Operating Temperature Storage Temperature
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Absolute Maximum
+31 dBm +34 dBm 8.5 volts -40C to +85C -65C to +150C
7. Exceeding any one or combination of these limits may cause permanent damage to this device. 8. M/A-COM does not recommend sustained operation near these survivability limits. 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0094
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Typical Performance Curves, 8 pF Blocking Caps
Insertion Loss
2.0
-30C +25C +85C
Rev. V6
Isolation
50
-30C +25C +85C
45
1.5
40
1.0
35
0.5
30
0.0 2 3 4 5 6
25 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Antenna Ports Return Loss
0
-30C +25C +85C
Tx/Rx Ports Return Loss
0
-10
-10
-30C +25C +85C
-20
-20
-30
-30
-40 2 3 4 5 6
-40 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0094
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
3 mm 12-Lead PQFN
Rev. V6
MASWSS0094-DIE Die Bond Pad Layout
Die Bond Pad Configuration
Pad No.
2 3 4 5 6 7 8 9 10 11 12 13 14 15
Name
VC1 GND N/C ANT1 ANT2 N/C GND VC2 Rx N/C GND GND N/C TX
Description
Control 1 Ground No Connection Antenna Port 1 Antenna Port 2 No Connection Ground Control 2 Receive Port No Connection Ground Ground No Connection Transmit Port
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0094SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X